PART |
Description |
Maker |
IDT71V2576S IDT71V2578S IDT71V2578YS150BG IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 IC LOGIC 3253 LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER -40 85C TSSOP-16 96/TUBE 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 5K/REEL-13 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PQFP100 IC LOGIC 3257 LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER -40 85C QSOP-16 97/TUBE
|
http:// Integrated Device Technology, Inc.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
256KX18 128KX36 IS61NVP25618A IS61NLP12832B-200B2 |
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 TQFP-100 128K X 36 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. Integrated Silicon Solu...
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
IS61LF25618A-7.5TQLI |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
Integrated Silicon Solu...
|
IS61LF12832A IS61LF12832A-6.5B2 IS61LF12832A-6.5B3 |
128K X 32, 128K X 36, 256K X 18 4 MB SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS61LPS25618A-250B2 IS61LPS25618A-250B2I IS61LPS25 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 32 CACHE SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA119 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 32 CACHE SRAM, 3.1 ns, PQFP100
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IDT71V3557S75PF IDT71V3557S85PF IDT71V3557S80PF ID |
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K的3656 × 18.3V的同步ZBT SRAM.3V的I / O的脉冲计数器,流量,通过输出 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
AB28F200BR-T80 A28F200BR-TB A28F200BR-B AB28F200BR |
2-MBIT (128K X 16. 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY JT 42C 42#22 PIN RECP 2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K X 16/ 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-Mbit (128K x 16, 256K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corp.
|
|